PART |
Description |
Maker |
XC2018-70PC84CI |
Logic Cell Array
|
Xilinx, Inc.
|
XC5000 XC5210-6PQ208C XC5206 XC5210 |
Logic Cell Array Family
|
XILINX[Xilinx, Inc]
|
HER205 |
10000 GATE 3.3 VOLT LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN
|
MICRO COMMERCIAL COMPONENTS
|
HER208G HER201G HER203G HER204G HER205G HER206G HE |
10000 GATE 3.3 VOLT LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN 高效玻璃钝化整流 HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
|
Micro Commercial Components, Corp. GOOD-ARK[GOOD-ARK Electronics]
|
256 600 120 ATL25_432 ATL25 ATL25_976 ATL25_100 AT |
ASIC 专用集成电路 From old datasheet system The ATL25 series gate array and embedded array families from Atmel are fabricated on a 0.25 micron CMOS process with 5 levels of metal. This family features arrays with up to 6.9 million routable gates and 976 pins. The high density and hi
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
HER202G HER201G |
Passivated High Efficient Rectifiers 50 to 1000 Volts 2.0 Amp Glass 2 A, 100 V, SILICON, RECTIFIER DIODE, DO-15 5000 GATE 3.3 VOLT LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN
|
Micro Commercial Components, Corp.
|
XC4000A XC4002A XC4003A XC4004A XC4005A XC4005A-5P |
Flexible function generators Logic Cell Array Family
|
XILINX[Xilinx, Inc]
|
XC3020A XC3020A-6PC84C XC3042A XC3064A XC3090A XCB |
Logic Cell Array Family
|
XILINX[Xilinx, Inc] http://
|
HIP2060 HIP2060AS1 HIP2060AS2 HIP2060AS3 |
60V/ 10A Half Bridge Power MOSFET Array 60V, 10A Half Bridge Power MOSFET Array 20000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN 10 A, 60 V, 0.15 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
Intersil Corporation Intersil, Corp.
|
PA7024 PA7024J-15 PA7024J-20 PA7024JI-25 PA7024JN- |
20ns programmable electrically erasable logic array 15ns programmable electrically erasable logic array Programmable Electrically Erasable Logic Array 电可擦除可编程逻辑阵列
|
ICT Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers http://
|
UPD94154GD-202-5BB |
Standard Cell Array
|
ETC
|
XC3342 XC3330 XC3390 |
HardWire Logic Cell Arrays
|
Xilinx, Inc.
|